PART |
Description |
Maker |
MAX3243 MAX3221EUE MAX3243EWI MAX3221CUE MAX322103 |
1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown LINE TRANSCEIVER, PDSO16 1レA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1楼矛A Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1渭A Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
|
Maxim Integrated Products, Inc.
|
5962-9213206MYA 5962-9213206MVA 5962-9213206MXA 59 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors x4 Fast Page Mode DRAM x4快速页面模式的DRAM 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus x4快速页面模式的DRAM
|
Vicor, Corp. Amphenol, Corp.
|
MAX3238CAI MAX3238EAI MAX3238 |
3.0V to 5.5V / 1A / up to 250kbps / True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus? 3.0V to 5.5V, 1A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, 1レA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus⑩
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MAX3222E MAX3222E-MAX3246E MAX3232E MAX3237E MAX32 |
-15kV ESD-protected, down to 10nA, 3.0V to5.5V, up to 1Mbps, true RS-232 transceiver. ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,Up to 1Mbps, True RS-232 Transceivers 15kV ESD-Protected Down to 10nA 3.0V to 5.5V Up to 1Mbps True RS-232 Transceivers From old datasheet system 【15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3222ECTP MAX3222E06 MAX3232ECTE MAX3232EEAE MAX |
隆戮15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers 卤15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
SP3222EBEY-L SP3222EBEY-L/TR SP3222EBCY-L SP3222EB |
True 3.0V to 5.5V RS-232 Transceivers
|
Sipex Corporation
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX3232ECA MAX3232ECAE MAX3232ECUP MAX3232ECWE MAX |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers 【15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|
MAX3232ECAE-T MAX3222ECAP MAX3232ECWE MAX3222ECUP |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX3232 |
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
|
Tiger Electronic Co.,Ltd
|
MAX3222CUP MAX3222CWN |
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors DUAL LINE TRANSCEIVER, PDSO20 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors DUAL LINE TRANSCEIVER, PDSO18
|
Maxim Integrated Products, Inc.
|
MAX3222ECWN-T MAX3222ECUP-T MAX3232ECUP-T |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO18 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO20
|
Maxim Integrated Products, Inc.
|
|